mios-5250 new ? intel ? atom? n2600 1.6 ghz/d2550 1.86 ghz fanless embedded box pc, ddr3 memory supports up to 4 gb ? rich i/o expansion possibilities through modularized design ? various extension modules for selection: multiple serial-port / gbe, can bus, poe ? optimized thermal design to maximize heat dissipation ? fast customization for module, i/o bracket, color and logo ? 12~24v / 12v only dc power input for choice ? wire clip design to prevent adapter cable losing ? supports imanager, susiaccess and embedded software apis intel ? atom? n2600/d2550 fanless embedded box pc with multiple i/o extension module listed e180881 c ? u l us rohs compliant 2002/95/ec specifcations processor system cpu intel atom dual core n2600 1.6 ghz/d2550 1.86 ghz max. speed dual core 1.6 ghz/1.86 ghz l2 cache 1 mb system chipset intel atom n2600/d2550 + intel nm10 bios ami efi 16mbit memory technology ddr3 1066 mhz (d2550), ddr3 800 mhz (n2600) max. capacity 4 gb socket 1 x 204-pin so-dimm graphics chipset intel atom n2600/d2550 graphic engine directx 9 and opengl3.0 support hardware decode h/w acceleration: mpeg2 h/w decode/acceleration: h.264/vc1/wmv9 vga up to 1920 x 1200 hdmi supports 1920 x 1200, max data rate: up to 1.65 gb/s, supports hdmi v1.3 up to 1080p support dual display yes, vga + hdmi ethernet gbe1 10/100/1000 mbps intel 82583v ethernet controller, support wake on lan gbe2 10/100/1000 mbps intel 82583v ethernet controller, support wake on lan audio interface realtek alc892, high defnition audio. line-out,mic-in,line-in io interface serial ports 4 x rs-232 ports with esd protection : air gap 15kv, contact 8kv usb interface 6 x usb ports, usb 2.0 compliant other digital io 8-bits watchdog timer 255 levels timer interval, setup by software internal expansion mini pcie 1 x full size mini pcie with sim holder storage hdd supports one drive bay for sata 2.5" hdd (compatible with 9mm height hdd) msata 1 (support either msata or full size minipcie, selected by bios, default support minipcie) supported extension modules mioe-210 4 x rs232/422/485, 2 x rs422/485 mioe-220 3 x intel gigabit ethernet mioe-3674 4 x gigiabit ethernet with poe ports mioe-3680 2 x can bus power requirements power type at/atx power input votage 24 v dc (phoenix plug in rear side) / 12 v dc (dc jack in front side) minimum power input 12 v ~ 24 v, 3.0 a ~ 1.5 a power consumption typical 15 watt (with intel atom d2550 at 1.8 ghz) max. 18 watt (with intel atom d2550 at 1.8 ghz) mechanical construction plastic part: pc+abs (lg5001rfp) chassis: secc bottom cover: aluminum heatsink: aluminum 6063-t5 metal parts: secc mounting din-rail mounting, desk/wall-mounting, vesa mounting dimensions (w x h x d) 284.6 x 151.6 x 74.5 mm (11.2" x 5.96" x 2.9") weight 2.3 kg (5.07 lb), with hdd, mioe-210 and wif module inside) environment operating temperature 0 ~ 45 c (32 ~ 113 f) with 0.7m/s air fow storage temperature - 40 ~ 85 c ( -40 ~ 185 f) relative humidity 95% @ 40 c (non-condensing) vibration during operation with ssd: 3 grms, iec 60068-2-64, random, 5 ~ 500 hz, 1 hr/axis. shock during operation with ssd: 10 g, iec 60068-2-27, half sine, 11 ms duration emc ce/fcc class a, ccc safety certifcations ul, ccc, cb all product specifications are subject to change without notice last updated : 14-aug-2014 mi/o extension sbcs, modules and chassis features
mios-5250 packing list part number description - 1 x mios-5250 unit - 1 x start-up manual - 1 x china rohs - wrench, screws, thermal pads and stud pack embedded os/api embedded os/api part no. description windows embedded standard 7 2070011953 wes7e mio-5250 v5.1.4 eng/ger/jpn/tc 2070011955 wes7p mio-5250 v5.1.3 en/tc/sc/ru/fr/de/ es/it/jp/kr windows embedded standard wes2009 (graphic driver support by case) windows embedded compact 7 2070012241 wec7 mio-5250 v1.0 eng vxworks 6.9.2 linux ubuntu 12.04 (graphic driver support by case) software api imanager 2.0 optional items part number description 1757003659 ac-to-dc adapter, dc19 v/3.42 a 65 w, with phoenix power plug, 0 ~ 40 c for home and offce use 1757003995 ac-to-dc adapter, dc 12v/5a 60w, 0 ~ 40 c for home and offce use 1757003996 ac-to-dc adapter, dc 12v/5a 60w, phoenix power plug, 0 ~ 40 c for home and offce use 1702002600-01 power cable 3-pin 183 cm, usa type 1700018704 power cable 3-pin 180 cm, uk type 1700018705 power cable 3-pin 183 cm, europe type 1700000237-01 power cable 3-pin 183 cm, pse type 1700001947 power cable 2-pin 180 cm, usa type (for adapter 1757003659) 1700001948 power cable 2-pin 180 cm, europe type (for adapter 1757003659) 1700001949 power cable 2-pin 180 cm, uk type (for adapter 1757003659) 1700002141 power cable 2-pin 180 cm, pse type (for adapter 1757003659) - din-rail mounting kit mioe-210-d6a1e mi/o extension module, 4 x rs232/422/485, 2 x rs422/485 mioe-220-b3a1e mi/o extension module, 3 x intelr gigabit ethernet with pcie switch mioe-3680-ae mi/o extension module, 2-port can-bus mioe module with isolation protection mioe-3674-ae mi/o extension module, 4-port poe ports mioe module mioe-pwr1-00a1e mi/o extension module, 12-24v dc to dc power module front panel external i/o mechanical layout/drawing rear panel external i/o mechanical layout/drawing usb-3 usb-4 usb-1 usb-2 hdmi vga lan-1 pwr-led lan-2 hdd-led dc-in-12v on/off i/o varies with the selected mioe module dimensions unit: mm mioe-210 mioe-220 mioe-3674 mioe-3680 supported extension modules 151.62 270 73 75 7.20 r3.60 284.64 138.40 22.20 detail a detail a ant 2 ant 1 dc in 12v-24v (optional) com 1 com 2 com 3 com 4 dio line-in line-out usb-1 usb-2 mic ordering information part number cpu memory vga&hdmi gbe audio rs-232 rs-232/422/485 usb 2.0 sata ii minipcie power connector power supply voltage operational temp. MIOS-5250NS6-D0A1E intel atom n2600 1.6g so-dimm yes 2 yes 2 2 6 1 1 dc jack 12v 0 ~ 45 c mios-5250ds8-c0a1e intel atom d2550 1.86g so-dimm yes 2 yes 2 2 6 1 1 phoenix type 12v 0 ~ 45 c mios-5250ds8-p0a1e intel atom d2550 1.86g so-dimm yes 2 yes 2 2 6 1 1 phoenix type 12v ~ 24v 0 ~ 45 c note: rs-232/422/485 port is default rs-232 www.advantech.com/products online download
|